PART |
Description |
Maker |
MM74HC540 MM74HC540MTC MM74HC540N MM74HC540SJ MM74 |
Inverting Octal 3-STATE Buffers Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer 1.5 A, 260 kHz Low Voltage Buck Regulators with External Bias; Package: DFN18 6x5, 0.5p; No of Pins: 18; Container: Tape and Reel; Qty per Container: 2500 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
74ABT648N 74ABT648PWDH 74ABT648 74ABT648D 74ABT648 |
Octal transceiver/register/ inverting 3-State Octal transceiver/register, inverting 3-State Quadruple D-Type Flip-Flops With Clear 16-SO 0 to 70 ABT SERIES, 8-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, PDSO24
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
MC54-74HC240A MC54HC240A MC54_74HC240A ON1390 MC74 |
Octal 3-State Inverting Buffer/Line Driver/Line Receiver OCTAL 3-STATE INVERTING BUFFER/LLNE DRLVER/LLNE RECELVER From old datasheet system
|
Motorola, Inc. ON Semi MOTOROLA[Motorola, Inc]
|
MC74LCX258DG MC74LCX32DR2 MC74LCX3205 MC74LCX374DR |
Low-Voltage CMOS Octal Buffer Flow Through Pinout; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 LVC/LCX/Z SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs (3−State, Inverting) Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Inverting) Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting)
|
ONSEMI[ON Semiconductor]
|
MM74C240 MM74C240N MM74C240WM MM74C244N MM74C244WM |
Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs
|
Fairchild Semiconductor
|
M74HCT574B1R M74HCT574M1R M54HCT564 M54HCT564F1R M |
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT HCT564 INVERTING - HCT574 NON INVERTING
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M54_74HCT574 M54_74HCT564 |
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT HCT564 INVERTING - HCT574 NON INVERTING
|
STMicro
|
TC74HCT541AF TC74HCT541AFW TC74HCT541AP TC74HCT540 |
From old datasheet system OCTAL BUS BUFFER WITH TTL INPUT LEVEL. INVERTING/NON-INVERTING, 3-STATE OUTPUTS
|
TOSHIBA[Toshiba Semiconductor]
|
74VHCT573AMTR 74VHCT573AM 74VHCT573A 74VHCT573ATTR |
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING 八路D型,3态输出的非反相锁 Octal Transparent D-Type Latches With 3-State Outputs 20-SOIC -40 to 85
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
74F646A 74F648A |
Octal transceiver/register, non-inverting/inverting (3-State)
|
Philips
|
74ABT2240 74ABT2240D 74ABT2240DB 74ABT2240N 74ABT2 |
From old datasheet system Octal inverting buffer with 30W series Octal inverting buffer with 30ohm series termination resistors 3-State ABT SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74LCX573TTR 74LCX573MTR 74LCX573M 74LCX573 |
OCTAL D-TYPE NON INVERTING WITH 5V TOLERANT INPUT AND OUTPUT OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|